Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30P02BF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP30P02BF
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30P02BF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP30P02BF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30P02BF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30P02BF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30P02BF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30P02BF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30P02BF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30P02BF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP30P02BF
-20V P-Channel Enhancement Mode MOSFET
AP30P02BF RVE1.1
永源微电子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
V(BR)DSS Drain-to-Source breakdown voltage
VGS = 0V, ID = 250μA
-20
-24
—
V
RDS(on)
Static Drain-to-Source on-resistance
VGS =-4.5V, ID =-10A
—
9.5
12
mΩ
VGS =-2.5V, ID =-8.9A
—
12
16
VGS =-1.8V, ID =-4.5A
—
17
21
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250μA
-0.4
0.6
-1
V
IDSS
Drain-to-Source leakage current
VDS = -12V,VGS = 0V
—
—
-1
μA
IGSS
Gate-to-Source forward leakage
VGS = 8V
—
—
100
nA
VGS = -8V
—
—
-100
gFS
Forward Transconductance
VDS = -5V, ID =-10A
-3
—
—
S
Qg
Total gate charge
ID = -10A,
VDD=-6V,
VGS = -4.5V
—
21
—
nC
Qgs
Gate-to-Source charge
—
2.5
—
Qgd
Gate-to-Drain("Miller") charge
—
6
—
td(on)
Turn-on delay time
VGS=-4.5V,
VDD=-6V,
ID = -10A,
RGEN=6Ω
—
30
—
ns
tr
Rise time
—
48
—
td(off)
Turn-Off delay time
—
97
—
tf
Fall time
—
65
—
Ciss
Input capacitance
VGS = 0V VDS = -6V ƒ =
1MHz
—
2138
—
pF
Coss
Output capacitance
—
273
—
Crss
Reverse transfer capacitance
—
236
—
IS
Continuous Source Current (Body
Diode)
MOSFET symbol
showing the integral
reverse p-n junction
diode.
—
—
-30
A
ISM
Pulsed Source Current (Body Diode)
—
—
-90
A
VSD
Diode Forward Voltage
IS=-2A, VGS=0V
—
-0.77
-1.2
V
trr
Reverse Recovery Time
TJ = 25°C, IF =-10A, di/dt
= 100A/μs
—
16
—
ns
Qrr
Reverse Recovery Charge
—
5.9
—
uC
Notes:
1、The maximum current rating is limited by bond-wires.
2、Repetitive rating; pulse width limited by max. junction temperature.
3、The power dissipation PD is based on max. junction temperature, using junction-to-ambient thermal resistance.
4、The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with TA =25°C
5、These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=150°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com