Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP32N50LP Datasheet (PDF) - A POWER MICROELECTRONICS

AP32N50LP Datasheet PDF - A POWER MICROELECTRONICS
Part # AP32N50LP
Download  AP32N50LP Download
File Size   744.47 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 500V N-Channel Enhancement Mode MOSFET

AP32N50LP Datasheet (PDF)

Go To PDF Page Download Datasheet
AP32N50LP Datasheet PDF - A POWER MICROELECTRONICS

Part # AP32N50LP
Download  AP32N50LP Click to download

File Size   744.47 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 500V N-Channel Enhancement Mode MOSFET

AP32N50LP Datasheet (HTML) - A POWER MICROELECTRONICS


AP32N50LP Product details

Features
- VDS=500V ID=32A
- RDS(ON) < 180mΩ @ VGS=10V (Type:130mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP32N50LP

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP32 JUNIPER-AP32 Datasheet
10Mb / 9P
AP32 ACCESS POINT DATASHEET
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202M-G1 BCDSEMI-AP3202M-G1 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
More results


Similar Description - AP32N50LP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
500V / 5A N-Channel Enhancement Mode MOSFET
HY8N50T HY-HY8N50T Datasheet
129Kb / 4P
500V / 8.0A N-Channel Enhancement Mode MOSFET
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
15N50 WXDH-15N50 Datasheet
1Mb / 12P
15A 500V N-channel Enhancement Mode Power MOSFET
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com