Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3202 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3202 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3202
Download  AP3202 Download
File Size   556.82 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 380kHz, 2A Asynchronous DC-DC Buck Converter

AP3202 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3202 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3202
Download  AP3202 Click to download

File Size   556.82 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 380kHz, 2A Asynchronous DC-DC Buck Converter

AP3202 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3202 Product details

General Description

The AP3202 is a 380kHz fixed frequency, current mode, PWM buck (step-down) DC-DC converter, capable of driving a 2A load with high efficiency, excellent line and load regulation. The device integrates N-channel power MOSFET switch with low on-resistance. Current mode control provides fast transient response and cycle-by-cycle current limit.



Features

• Input Voltage Range: 4.75V to 18V

• Fixed 380kHz Frequency

• High Efficiency: up to 93%

• Output Current: 2A

• Current Mode Control

• Built-in Over Current Protection

• Built-in Thermal Shutdown Function

• Built-in UVLO Function

• Built-in Over Voltage Protection

• Built-in Soft-start



Applications

• LCD TV

• Set Top Box

• Portable DVD

• Digital Photo Frame




Similar Part No. - AP3202

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MP-G1 BCDSEMI-AP3203MP-G1 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MPTR-G1 BCDSEMI-AP3203MPTR-G1 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
More results


Similar Description - AP3202

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
2A 380KHz 20V PWM Buck DC/DC Converter
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
2A 380KHZ 20V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com