Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1410 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1410 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1410
Download  HM1410 Download
File Size   749.33 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 2A 380KHz 18V Buck DC to DC Converter

HM1410 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1410 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1410
Download  HM1410 Click to download

File Size   749.33 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 2A 380KHz 18V Buck DC to DC Converter

HM1410 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1410 Product details

Description
The HM1410 is a 380KHz fixed frequency PWM buck (step-down) DC/DC converter, capable of driving a 2A load with high efficiency, low ripple and excellent line and load regulation. Requiring a minimum number of external components, the regulator is simple to use and include internal frequency compensation and a fixed-frequency oscillator.
The PWM control circuit is able to adjust the duty ratio linearly from 0 to 100%. An enable function, an over current protection function is built inside. When short protection function happens, the operation frequency will be reduced from 380KHz to 80KHz. An internal compensation block is built in to minimize external component count.

Features
● Wide 3.6V to 18V Input Voltage Range
● Output Adjustable from 1.222V to 16V
● Maximum Duty Cycle 100%
● Minimum Drop Out 0.6V
● Fixed 380KHz Switching Frequency
● 2A Constant Output Current Capability
● Internal Optimize Power MOSFET
● High efficiency
● Excellent line and load regulation
● TTL shutdown capability
● EN pin with hysteresis function
● Built in thermal shutdown function
● Built in current limit function
● Built in output short protection function
● Available in SOP8 package

Applications
● LCD Monitor and LCD TV
● Digital Photo Frame
● Set-up Box
● ADSL Modem
● Telecom / Networking Equipment




Similar Part No. - HM1410

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM14 HSMC-HM14 Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM1404C HMSEMI-HM1404C Datasheet
507Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM1404D HMSEMI-HM1404D Datasheet
615Kb / 7P
N-Channel Enhancement Mode Power MOSFET
logo
Hi-Sincerity Mocroelect...
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
More results


Similar Description - HM1410

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
XL1410 ETC2-XL1410 Datasheet
259Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
XL1513 ETC2-XL1513 Datasheet
253Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1530 HMSEMI-HM1530 Datasheet
291Kb / 9P
3A 380KHz 18V Buck DC to DC Converte
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com