Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40H02DF Datasheet (PDF) - A POWER MICROELECTRONICS

AP40H02DF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP40H02DF
Download  AP40H02DF Download
File Size   1237.27 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NN-Channel Enhancement Mode MOSFET

AP40H02DF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP40H02DF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP40H02DF
Download  AP40H02DF Click to download

File Size   1237.27 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NN-Channel Enhancement Mode MOSFET

AP40H02DF Datasheet (HTML) - A POWER MICROELECTRONICS


AP40H02DF Product details

Features
- VDS=20V ID=40A
- RDS(ON) < 10.5mΩ @ VGS=4.5V (Type:8.5mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP40H02DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40H03DF2 APME-AP40H03DF2 Datasheet
754Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP40H03NF APME-AP40H03NF Datasheet
841Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP40H04NF2 APME-AP40H04NF2 Datasheet
780Kb / 7P
40V NN-Channel Enhancement Mode MOSFET
REV1.0
AP40H06DF APME-AP40H06DF Datasheet
761Kb / 7P
60V NN-Channel Enhancement Mode MOSFET
More results


Similar Description - AP40H02DF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW12H02TS YFWDIODE-YFW12H02TS Datasheet
1Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-14TS YFWDIODE-YFW8205A-14TS Datasheet
2Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-21TS YFWDIODE-YFW8205A-21TS Datasheet
3Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205LI YFWDIODE-YFW8205LI Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8808CF YFWDIODE-YFW8808CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8809CF YFWDIODE-YFW8809CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8810E-11TS YFWDIODE-YFW8810E-11TS Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8814LI YFWDIODE-YFW8814LI Datasheet
2Mb / 7P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9926S YFWDIODE-YFW9926S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9928S YFWDIODE-YFW9928S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com