Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40H02DF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP40H02DF
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H02DF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP40H02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H02DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP40H02DF
20V N+N-Channel Enhancement Mode MOSFET
AP40H02DF RVE1.0
永源微電子科技有限公司
Package Mechanical Data-PDFN3*3-8L Double
Symbol
Common
Mm
Min
Nom
Max
A
0.70
0.75
0.85
A1
/
/
0.05
b
0.25
0.30
0.39
c
0.14
0.152
0.20
D
3.20
3.30
3.45
D1
3.05
3.15
3.25
D2
0.84
1.04
1.24
D3
2.30
2.45
2.60
E
3.20
3.30
3.40
E1
2.95
3.05
3.15
E2
1.60
1.74
1.90
E3
0.28
0.48
0.65
E4
0.37
0.57
0.77
E5
0.10
0.20
0.30
e
0.60
0.65
0.70
K
0.50
0.69
0.80
K1
0.30
0.38
0.53
K2
0.15
0.25
0.35
L
0.30
0.40
0.50
L1
0.06
0.125
0.20
L2
0.27
0.42
0.57
t
0
0.075
0.13
Φ
10°
12°
14°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com