Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX631 Datasheet (PDF) - STMicroelectronics

TSX631 Datasheet PDF - STMicroelectronics
Part # TSX631
Download  TSX631 Download
File Size   658.27 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny, low power, 16 V single operational amplifier for cost-optimized systems

TSX631 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSX631 Datasheet PDF - STMicroelectronics

Part # TSX631
Download  TSX631 Click to download

File Size   658.27 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny, low power, 16 V single operational amplifier for cost-optimized systems

TSX631 Datasheet (HTML) - STMicroelectronics


TSX631 Product details

Features
• Low power consumption: 235 μA typ. at 5 V
• Supply voltage: 3 V to 16 V
• Gain bandwidth product: 900 kHz typ.
• Offset voltage: 3 mV maximum
• Low input bias current: 1 pA typ.
• High tolerance to ESD: 4 kV
• Wide temperature range: -40 °C to +125 °C
• Rail-to-Rail input and output
• SOT23-5 package

Applications
• Industrial and automotive signal conditioning
• Active filtering
• Power savings in power-conscious applications
• Medical instrumentation
• High impedance sensors
• Easy interfacing with high impedance sensors

Description
The LMC7101 operational amplifier benefits from STMicroelectronics® 16 V CMOS technology to offer state-of-the-art accuracy and performance in the smallest industrial packages. The LMC7101 offers an outstanding speed/power consumption ratio, 900 kHz gain bandwidth product while consuming only 250 μA at 16 V.
Such features make the LMC7101 ideal for sensor interfaces and industrial signal conditioning. The wide temperature range and high ESD tolerance ease use in harsh automotive applications.




Similar Part No. - TSX631

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
26-Mar-2013
TSX631A STMICROELECTRONICS-TSX631A Datasheet
1Mb / 31P
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
26-Mar-2013
More results


Similar Description - TSX631

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7011 NJRC-NJU7011 Datasheet
260Kb / 9P
LOW-POWER TINY SINGLE C-MOS OPERATIONAL AMPLIFIER?
logo
Texas Instruments
LMC7101 TI1-LMC7101 Datasheet
1Mb / 33P
Tiny Low-Power Operational Amplifier
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
logo
Unisonic Technologies
ULV7011 UTC-ULV7011 Datasheet
155Kb / 4P
LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7012 UTC-ULV7012 Datasheet
155Kb / 4P
LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7013 UTC-ULV7013 Datasheet
155Kb / 4P
LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com