Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX631 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX631
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX631 Datasheet(HTML) 1 Page - STMicroelectronics

  TSX631 Datasheet HTML 1Page - STMicroelectronics TSX631 Datasheet HTML 2Page - STMicroelectronics TSX631 Datasheet HTML 3Page - STMicroelectronics TSX631 Datasheet HTML 4Page - STMicroelectronics TSX631 Datasheet HTML 5Page - STMicroelectronics TSX631 Datasheet HTML 6Page - STMicroelectronics TSX631 Datasheet HTML 7Page - STMicroelectronics TSX631 Datasheet HTML 8Page - STMicroelectronics TSX631 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SOT23-5
Features
•
Low power consumption: 235 µA typ. at 5 V
•
Supply voltage: 3 V to 16 V
•
Gain bandwidth product: 900 kHz typ.
•
Offset voltage: 3 mV maximum
•
Low input bias current: 1 pA typ.
•
High tolerance to ESD: 4 kV
•
Wide temperature range: -40 °C to +125 °C
•
Rail-to-Rail input and output
•
SOT23-5 package
Applications
•
Industrial and automotive signal conditioning
•
Active filtering
•
Power savings in power-conscious applications
•
Medical instrumentation
•
High impedance sensors
•
Easy interfacing with high impedance sensors
Description
The LMC7101 operational amplifier benefits from STMicroelectronics® 16 V CMOS
technology to offer state-of-the-art accuracy and performance in the smallest
industrial packages. The LMC7101 offers an outstanding speed/power consumption
ratio, 900 kHz gain bandwidth product while consuming only 250 µA at 16 V.
Such features make the LMC7101 ideal for sensor interfaces and industrial signal
conditioning. The wide temperature range and high ESD tolerance ease use in harsh
automotive applications.
Product status link
LMC7101
Related products
See TSX631
for reduced power
consumption
(45 μA, 200 kHz)
See TSX921
for higher gain
bandwidth products
(10 MHz)
Tiny, low power, 16 V single operational amplifier for cost-optimized systems
LMC7101
Datasheet
DS13567 - Rev 1 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSX631

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
26-Mar-2013
TSX631A STMICROELECTRONICS-TSX631A Datasheet
1Mb / 31P
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
26-Mar-2013
More results

Similar Description - TSX631

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7011 NJRC-NJU7011 Datasheet
260Kb / 9P
LOW-POWER TINY SINGLE C-MOS OPERATIONAL AMPLIFIER?
logo
Texas Instruments
LMC7101 TI1-LMC7101 Datasheet
1Mb / 33P
Tiny Low-Power Operational Amplifier
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
logo
Unisonic Technologies
ULV7011 UTC-ULV7011 Datasheet
155Kb / 4P
LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7012 UTC-ULV7012 Datasheet
155Kb / 4P
LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7013 UTC-ULV7013 Datasheet
155Kb / 4P
LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com