Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB1-110 Datasheet (PDF) - Bourns Electronic Solutions

CFB1-110 Datasheet PDF - Bourns Electronic Solutions
Part # CFB1-110
Download  CFB1-110 Download
File Size   480.41 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CFB Series – Riedon ™ Class T Fuse Blocks by Bourns

CFB1-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFB1-110 Datasheet PDF - Bourns Electronic Solutions

Part # CFB1-110
Download  CFB1-110 Click to download

File Size   480.41 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CFB Series – Riedon ™ Class T Fuse Blocks by Bourns

CFB1-110 Datasheet (HTML) - Bourns Electronic Solutions


CFB1-110 Product details

Features
■ Formerly a Riedon™ product
■ Current rating: 110 to 400 A
■ Includes Class T fuse as standard
■ Bare wire termination
■ RoHS compliant*

Applications
■ Solar generators
■ Wind power
■ Heavy industry
■ Electroplating
■ Battery chargers
■ Mining




Similar Part No. - CFB1-110

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
CFB11G HUBBELL-CFB11G Datasheet
1Mb / 4P
Recessed Multi-Service Concrete Floor Boxes
CFB11G4 HUBBELL-CFB11G4 Datasheet
1Mb / 4P
Recessed Multi-Service Concrete Floor Boxes
CFB11G6 HUBBELL-CFB11G6 Datasheet
1Mb / 4P
Recessed Multi-Service Concrete Floor Boxes
logo
Continental Device Indi...
CFB1342 CDIL-CFB1342 Datasheet
86Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
CamdenBoss Ltd.
CFB1362 CAMDENBOSS-CFB1362 Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
More results


Similar Description - CFB1-110

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
Class J Fuse Blocks
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
logo
Cooper Bussmann, Inc.
T30030-2SR COOPER-T30030-2SR Datasheet
503Kb / 4P
Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
Class T 300V open fuse blocks
T600 EATON-T600 Datasheet
895Kb / 4P
Class T 600V open fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
Class J Fuse Blocks
2005
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com