Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL32610E Datasheet (PDF) - Renesas Technology Corp

ISL32610E Datasheet PDF - Renesas Technology Corp
Part # ISL32610E
Download  ISL32610E Download
File Size   873.13 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 1.8V, Micro Power, 125°C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers

ISL32610E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32610E Datasheet PDF - Renesas Technology Corp

Part # ISL32610E
Download  ISL32610E Click to download

File Size   873.13 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 1.8V, Micro Power, 125°C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers

ISL32610E Datasheet (HTML) - Renesas Technology Corp


ISL32610E Product details

• Wide Supply Voltage Range . . . . . . . . . . . . . . . . . 1.8V to 3.6V
• Ultra Low Quiescent Supply Current . . . . 110μA (maximum)
• IEC61000 ESD Protection on RS-485 Bus Pins . . . . ±16.5kV
- Class 3 ESD Level on all Other Pins. . . . . . . . . . >8kV HBM
• Symmetrical Switching Thresholds for Less Duty Cycle
Distortion (see Figure 2)
• Larger Hysteresis for Improved Noise Immunity . . . . . 70mV
• Data Rates up to 256kbps (1.8V) or 500kbps (3.3V)
• 1/8 Unit Load Allows up to 256 Devices on the RS-485 Bus
• Specified for +125°C Operation
• Three-State Rx Output Available
• 5V tolerant logic inputs
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL32610E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32610E INTERSIL-ISL32610E Datasheet
704Kb / 12P
16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
October 21, 2011
ISL32610E INTERSIL-ISL32610E Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL32610EFHZ-T INTERSIL-ISL32610EFHZ-T Datasheet
704Kb / 12P
16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
October 21, 2011
logo
Renesas Technology Corp
ISL32610EFHZ-T RENESAS-ISL32610EFHZ-T Datasheet
791Kb / 12P
짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
More results


Similar Description - ISL32610E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
-15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
September 12, 2005
ISL32610E INTERSIL-ISL32610E Datasheet
704Kb / 12P
16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
October 21, 2011
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com