Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL41334IRZ Datasheet (PDF) - Renesas Technology Corp

ISL41334IRZ Datasheet PDF - Renesas Technology Corp
Part # ISL41334IRZ
Download  ISL41334IRZ Download
File Size   1616.43 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, Two Port, Dual Protocol Transceivers

ISL41334IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL41334IRZ Datasheet PDF - Renesas Technology Corp

Part # ISL41334IRZ
Download  ISL41334IRZ Click to download

File Size   1616.43 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, Two Port, Dual Protocol Transceivers

ISL41334IRZ Datasheet (HTML) - Renesas Technology Corp


ISL41334IRZ Product details

• ±15kV (HBM) ESD protected bus pins (RS-232 or RS-485)
• Two independent ports, each user selectable for RS-232
(2 transceivers) or RS-485, RS-422 (1 transceiver)
• Single 5V (10% tolerance) supply
• Flow-through pinouts simplify board layouts
• Pb-Free (RoHS compliant)
• Large (2.7V) differential VOUT for improved noise immunity
in RS-485, RS-422 networks
• Full fail-safe (open/short) Rx in RS-485, RS-422 mode
• Loopback mode facilitates board self-test functions
• User selectable RS-485 data rates (ISL41334 only)
- Fast speed. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20Mbps
- Slew rate limited . . . . . . . . . . . . . . . . . . . . . . . . . . . 460kbps
- Slew rate limited . . . . . . . . . . . . . . . . . . . . . . . . . . . 115kbps
• Fast RS-232 data rate . . . . . . . . . . . . . . . . . . . . up to 650kbps
• Low current Shutdown mode . . . . . . . . . . . . . . . . . . . . . . 42μA
• QFN package saves board space (ISL41334 only)
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL41334 only)




Similar Part No. - ISL41334IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL41334IRZ INTERSIL-ISL41334IRZ Datasheet
1Mb / 28P
짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
December 20, 2005
ISL41334IRZ INTERSIL-ISL41334IRZ Datasheet
1,006Kb / 28P
짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL41334IRZ INTERSIL-ISL41334IRZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL41334IRZ RENESAS-ISL41334IRZ Datasheet
1Mb / 32P
짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1Mb / 28P
짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
December 20, 2005
More results


Similar Description - ISL41334IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334 Datasheet
1Mb / 28P
짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
December 20, 2005
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334 RENESAS-ISL81334 Datasheet
1Mb / 32P
짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com