Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6525TQ Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP6525TQ Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP6525TQ
Download  IP6525TQ Download
File Size   1621.76 Kbytes
Page   22 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Supports buck-boost SOCs for fast charging protocols such as UFCS/PD2.0/PD3.1/EPR28V.

IP6525TQ Datasheet (PDF)

Go To PDF Page Download Datasheet
IP6525TQ Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP6525TQ
Download  IP6525TQ Click to download

File Size   1621.76 Kbytes
Page   22 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Supports buck-boost SOCs for fast charging protocols such as UFCS/PD2.0/PD3.1/EPR28V.

IP6525TQ Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP6525TQ Product details

Features
Integrated buck-boost power controller
 Input voltage range: 5V-31V
 Integrated NMOS charge-pump control path
 Output with CV/CC characteristics
Supports USB-C output interface and USB PD protocol
 Supports 5V, 9V, 12V, 15V, 20V, 28V voltage output
 Supports two independent PD3.1/PPS/EPR28 protocols
 PPS supports 3.3V-21V, 10mV/step voltage output
 Integrated recognition and support for E-Marker cables




Similar Part No. - IP6525TQ

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP6525T INJOINIC-IP6525T Datasheet
757Kb / 11P
Maximum output 24 W, integrated with various fast charge output protocols
IP6525T INJOINIC-IP6525T Datasheet
799Kb / 12P
Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
IP6525T INJOINIC-IP6525T Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
IP6525T INJOINIC-IP6525T Datasheet
872Kb / 18P
integrated Dual port Type C PD 3.0 (waiting for fast charging protocol output SOC IC
V1.0.3 2019
IP6525T INJOINIC-IP6525T Datasheet
633Kb / 11P
24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP
V1.4.1
More results


Similar Description - IP6525TQ

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700291 PHOENIX-2700291 Datasheet
71Kb / 4P
Numerous protocols supported such as: HTTP, FTP, SNTP, SNMP, SMTP, SQL, MySQL, etc.
logo
Injoinic Technology Co....
IP2161 INJOINIC-IP2161 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP2163 INJOINIC-IP2163 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP2701 INJOINIC-IP2701 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2705 INJOINIC-IP2705 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Shenzhen Huazhimei Semi...
HM1596A HMSEMI-HM1596A Datasheet
1,008Kb / 14P
18W PD output, integrated multiple fast charging output protocols
logo
Injoinic Technology Co....
IP5356 INJOINIC-IP5356 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com