Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE1000 Datasheet (PDF) - Advanced XTAL Products

AXE1000 Datasheet PDF - Advanced XTAL Products
Part # AXE1000
Download  AXE1000 Download
File Size   55.76 Kbytes
Page   2 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Crystal Oscillator (PXO) 1000 MHz

AXE1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXE1000 Datasheet PDF - Advanced XTAL Products

Part # AXE1000
Download  AXE1000 Click to download

File Size   55.76 Kbytes
Page   2 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Crystal Oscillator (PXO) 1000 MHz

AXE1000 Datasheet (HTML) - Advanced XTAL Products




Similar Part No. - AXE1000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
PXO for WLAN Test Equipment
Date: 2004-03-24
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LN AXTAL-AXE10LN Datasheet
99Kb / 3P
Low Phase Noise SMD SPXO with HCMOS Output
2014-04-04
More results


Similar Description - AXE1000

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Micro Analog systems
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
logo
Advanced XTAL Products
AXE1200 AXTAL-AXE1200 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1200 MHz
2008-01-25
logo
TAI-SAW TECHNOLOGY CO.,...
TW0153A TAI-SAW-TW0153A Datasheet
180Kb / 4P
7.0x5.0 PECL Crystal Oscillator 53.125 MHz
logo
RF Monolithics, Inc
XO3001 RFM-XO3001 Datasheet
300Kb / 3P
125 MHz Crystal Oscillator
logo
Silicon Laboratories
SI510 SILABS-SI510 Datasheet
234Kb / 26P
CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
logo
API Technologies Corp
310-027013-002 APITECH-310-027013-002 Datasheet
52Kb / 1P
Local Oscillator Doubler/Tripler 1000-1500 MHz
logo
List of Unclassifed Man...
501-33920 ETC-501-33920 Datasheet
123Kb / 1P
10 MHz-SC Onyx IV Crystal Oscillator
04-28-21
501-33924 ETC-501-33924 Datasheet
144Kb / 1P
100 MHz-SC ONYX IV Crystal Oscillator
04-28-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com