Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT73227 Datasheet (PDF) - Vaishali Semiconductor

VT73227 Datasheet PDF - Vaishali Semiconductor
Part # VT73227
Download  VT73227 Download
File Size   67.09 Kbytes
Page   3 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V

VT73227 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT73227 Datasheet PDF - Vaishali Semiconductor

Part # VT73227
Download  VT73227 Click to download

File Size   67.09 Kbytes
Page   3 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V

VT73227 Datasheet (HTML) - Vaishali Semiconductor


VT73227 Product details

General Description
The Vaishali VT73227 is a single-chip, low-jitter Voltage-Controlled-Crystal-Oscillator. The device accepts a 27 MHz, 20 pF (pull range of 200 ppm) crystal input, and produces a low jitter output at the same frequency. A 0 to 3.0V control signal is used to fine tune the output clock frequency in the ±100ppm range.
   
Features
• 3.3V operating voltage
• Uses inexpensive pullable crystal
• 12mA drive capability at TTL levels
• On-chip oscillator with 200 ppm pull
    range (±100 ppm)
• 8 pin SOIC package
   
Applications
• Set-top boxes
• Telecom switching
• Oscillator replacement
• MPEG Video clock source
   




Similar Part No. - VT73227

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73127 VAISH-VT73127 Datasheet
39Kb / 4P
27 MHz 3.3V VCXO with Output Enable
VT73127/D VAISH-VT73127/D Datasheet
39Kb / 4P
27 MHz 3.3V VCXO with Output Enable
VT73127/DW VAISH-VT73127/DW Datasheet
39Kb / 4P
27 MHz 3.3V VCXO with Output Enable
VT73LVP10 VAISH-VT73LVP10 Datasheet
69Kb / 3P
TTL to Differential LVPECL Translator
VT73LVP10/D VAISH-VT73LVP10/D Datasheet
69Kb / 3P
TTL to Differential LVPECL Translator
More results


Similar Description - VT73227

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
logo
Pericom Semiconductor C...
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
27 MHz 3.3V VCXO
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com