Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT73LVP10 Datasheet (PDF) - Vaishali Semiconductor

VT73LVP10 Datasheet PDF - Vaishali Semiconductor
Part # VT73LVP10
Download  VT73LVP10 Download
File Size   69.93 Kbytes
Page   3 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description TTL to Differential LVPECL Translator

VT73LVP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT73LVP10 Datasheet PDF - Vaishali Semiconductor

Part # VT73LVP10
Download  VT73LVP10 Click to download

File Size   69.93 Kbytes
Page   3 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description TTL to Differential LVPECL Translator

VT73LVP10 Datasheet (HTML) - Vaishali Semiconductor


VT73LVP10 Product details

General Description
The Vaishali VT73LVP10 is a general purpose TTL (CMOS) to differential LVPECL translator, with active-LOW enable. The device operates from a single 3.3V supply. When /EN is LOW or open circuit, the device accepts an LVTTL or LVCMOS input and provides differential LVPECL outputs referenced to the positive supply rail. When /EN is HIGH, the Q output is set to the LOW state and QN output is set to the HIGH state.
   
Features
• 700ps typical propagation delay
• Differential LVPECL outputs
• Flow-through pinout
• -40°C to +85°C operating temperature range
• 5V - tolerant inputs
• ESD rating >2000V (Human Body
    Model) or >200V (Machine Model)
• Available as die, 8-pin SOIC or 8 pin
    MSOP package
   
Applications
• PECL clock source
   




Similar Part No. - VT73LVP10

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73127 VAISH-VT73127 Datasheet
39Kb / 4P
27 MHz 3.3V VCXO with Output Enable
VT73127/D VAISH-VT73127/D Datasheet
39Kb / 4P
27 MHz 3.3V VCXO with Output Enable
VT73127/DW VAISH-VT73127/DW Datasheet
39Kb / 4P
27 MHz 3.3V VCXO with Output Enable
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73227-/D VAISH-VT73227-/D Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
More results


Similar Description - VT73LVP10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
Differential ECL to TTL Translator
February, 2000 ??Rev. 3
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
DIFFERENTIAL ECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Semtech Corporation
SK10ELT21W SEMTECH-SK10ELT21W Datasheet
80Kb / 5P
Differential PECL to CMOS/TTL or LVPECL to LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Motorola, Inc
MC10LVELT23 MOTOROLA-MC10LVELT23 Datasheet
68Kb / 3P
Dual Differential LVPECL to TTL Translator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com