Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT73127 Datasheet (PDF) - Vaishali Semiconductor

VT73127 Datasheet PDF - Vaishali Semiconductor
Part # VT73127
Download  VT73127 Download
File Size   39.7 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 27 MHz 3.3V VCXO with Output Enable

VT73127 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT73127 Datasheet PDF - Vaishali Semiconductor

Part # VT73127
Download  VT73127 Click to download

File Size   39.7 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 27 MHz 3.3V VCXO with Output Enable

VT73127 Datasheet (HTML) - Vaishali Semiconductor


VT73127 Product details

General Description
The Vaishali VT73127 is a single-chip, low-jitter Voltage-Controlled-Crystal-Oscillator. The device accepts a 27 MHz, 20 pF crystal input, and produces a low jitter output at the same frequency. The output is enabled when OE is logic HIGH and goes into high impedance state when OE is logic LOW. A 0 to 3.0V control signal is used to fine tune the output clock frequency in the ±100ppm range.
   
Features
• 3.3V operating voltage
• Uses inexpensive pullable crystals
• 12mA drive capability at TTL levels
• On-chip oscillator with 200 ppm pull range (±100 ppm)
• Active High output enable
• Die only
   
Applications
• Crystal-driven clock source
   




Similar Part No. - VT73127

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73227-/D VAISH-VT73227-/D Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73227-S1 VAISH-VT73227-S1 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73227-S1X VAISH-VT73227-S1X Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73LVP10 VAISH-VT73LVP10 Datasheet
69Kb / 3P
TTL to Differential LVPECL Translator
More results


Similar Description - VT73127

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
Low Cost 27 MHz VCXO
Revision 111600
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
27 MHz 3.3V VCXO for Set-Top Box Applications
logo
List of Unclassifed Man...
T73227 ETC1-T73227 Datasheet
77Kb / 5P
27 MHz VCXO Clock Generator IC
logo
Pericom Semiconductor C...
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
27 MHz 3.3V VCXO
logo
Cypress Semiconductor
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
MediaClock 27-MHz VCXO Clock Generator
logo
Connor-Winfield Corpora...
PVL54I90 CONNOR-WINFIELD-PVL54I90 Datasheet
107Kb / 2P
3.3V PECL VCXO WITH DIFFERENTIAL OUTPUT
logo
TAI-SAW TECHNOLOGY CO.,...
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
logo
Cypress Semiconductor
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
27 MHz Clock Generator with VCXO
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com