Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83027 Datasheet (PDF) - Vaishali Semiconductor

VT83027 Datasheet PDF - Vaishali Semiconductor
Part # VT83027
Download  VT83027 Download
File Size   70.63 Kbytes
Page   3 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)

VT83027 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT83027 Datasheet PDF - Vaishali Semiconductor

Part # VT83027
Download  VT83027 Click to download

File Size   70.63 Kbytes
Page   3 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)

VT83027 Datasheet (HTML) - Vaishali Semiconductor


VT83027 Product details

General Description
The Vaishali VT83027 is a single-chip, integrated VCXO and Phase Locked Loop (PLL) clock synthesizer. The device uses the VCXO and an analog Phase-Locked Loop (PLL) to accept a 13.5 MHz, 14 pF (pull range of 200 ppm) crystal input, and produce a 27 MHz output. A 0 to 3V control signal is used to fine tune the output clock frequency in the ±100ppm range.
   
Features
• 3.3V supply operation
• Low jitter PLL Clock Synthesizer
    − Zero ppm synthesis error
• Uses inexpensive pullable crystal
• ±12mA drive capability
• On-chip oscillator with 200 ppm pull
    range (±100 ppm)
• 8 pin SOIC package
   
Applications
• Set-top boxes
• Telecom switching
• HDTV
• MPEG Video clock source
   




Similar Part No. - VT83027

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT83201 VAISH-VT83201 Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201/D VAISH-VT83201/D Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201/DW VAISH-VT83201/DW Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201S1 VAISH-VT83201S1 Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201S1X VAISH-VT83201S1X Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
More results


Similar Description - VT83027

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com