Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83027 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VT83027
Description  27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83027 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VT83027 Datasheet HTML 1Page - Vaishali Semiconductor VT83027 Datasheet HTML 2Page - Vaishali Semiconductor VT83027 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VT83027
2001-04-17
Page
3
MDST-0003-03
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 4. Operating Conditions
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage, VDD
3.15
3.3
3.45
V
Input High Voltage, VIH
X1 pin only
2.5
V
Input Low Voltage, VIL
X1 pin only
0.4
V
Operating Temperature
0
70
°C
VCXO control voltage, VIN
0
3
V
Table 5. DC Electrical Characteristics
TA = 0
°C to +70°C, VDD = 3.15 V to 3.45 V
Symbol
Parameter
Condition
Min
Typ
(1)
Max
Units
VOH
Output High Voltage
IOH=-12mA
2.4
V
VOL
Output Low Voltage
IOL=12mA
0.4
V
IIL
Input Low Leakage Current
VIN = 0v
-60
µA
IIH
Input High Leakage Current
VIN = 3.45v
X1 and VIN
inputs
60
µA
IOS
Short Circuit Current
Each output
±85
mA
CIN
Input Capacitance
7
pF
IDDQ
Quiescent Power Supply Current
No load
18
mA
IDD
Operating Supply Current
No Load
28
mA
Note
:
1. Typical values are at VDD = 3.3V and 25°C
Table 6. AC Electrical Characteristics
TA = 0
°C to +70°C, VDD = 3.15 V to 3.45 V
Symbol
Parameter
Condition
Min
Typ
Max
Units
fosc
Input Crystal Frequency
13.500
MHz
tr
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
tf
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
tod
Output Clock Duty Cycle
At VDD/2
40
60
%
tjit (pk- pk)
Maximum Absolute Jitter
(Peak to Peak)
±100
ps
Output pullability
0V
≤ VIN ≤ 3V
±100
ppm
Note
:
1. Typical values are at VDD = 3.3V and 25°C
Ordering Information
Part Number
Marking
Shipping/Packaging
No. of Pins
Package
Temperature
VT83027S1
VT83027S1
Tubes
8
SOIC
0
°C to +70°C
VT83027S1X
VT83027S1
Tape & Reel
8
SOIC
0
°C to +70°C
VT83027/D
Dice in waffle-pack
0
°C to +70°C
VT83027/DW
Dice in wafer form
0
°C to +70°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com