Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83027 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VT83027
Description  27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83027 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VT83027 Datasheet HTML 1Page - Vaishali Semiconductor VT83027 Datasheet HTML 2Page - Vaishali Semiconductor VT83027 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VT83027
2001-04-17
Page
2
MDST-0003-03
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 1. Pin Description
Name
Pin #
Type
Description
X1
1
Xi
Crystal connection. Connect to a 13.5 MHz pullable crystal
VDD1
2
P
Core VDD. Connect to 3.3V
VIN
3
I
Voltage input to VCXO. Zero to 3V signal controls the frequency of the
VCXO.
GND2
4
P
Connect to ground.
CLK
5
O
Clock output
VDD2
6
P
Output driver VDD . Connect to 3.3V
GND1
7
P
Connect to ground.
X2
8
Xi
Crystal connection. Connect to a13.5 MHz pullable crystal.
Legend: I = Input
O = Output
P = Power supply connection
Xi = Crystal connections.
Table 2. Pullable Crystal Specifications
Parameter
Value
Correlation (load) capacitance
14 pF
C0/C1
240 max
ESR
35
Ω max
Operating Temperature
0
°C to +70°C
Initial Accuracy
±20 ppm
Temperature + Aging Stability
±50 ppm
Table 3. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Supply voltage, VDD
Referenced to GND
5
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only and correct functional operation of the device at these
or any other conditions above those listed in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect product reliability.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com