Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83201 Datasheet (PDF) - Vaishali Semiconductor

VT83201 Datasheet PDF - Vaishali Semiconductor
Part # VT83201
Download  VT83201 Download
File Size   45.54 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer

VT83201 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT83201 Datasheet PDF - Vaishali Semiconductor

Part # VT83201
Download  VT83201 Click to download

File Size   45.54 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer

VT83201 Datasheet (HTML) - Vaishali Semiconductor


VT83201 Product details

General Description
The Vaishali VT83201 is a single-chip, integrated VCXO and Phase Locked Loop (PLL) clock synthesizer. The device uses the VCXO and an analog Phase-Locked Loop (PLL) to accept a 10 MHz to 20 MHz, 30pF (pull range of 200 ppm) crystal input, in order to produce either one or two output clocks. A 0 to 3V control signal is used to fine tune the output clock frequency in the ±100ppm range. Select inputs S0 and S1 are used for frequency and output selection.
   
Features
• 3.3V supply operation
• Packaged in 16-pin SOIC package
• Replaces separate VCXO and multiplier
• Uses inexpensive pullable crystal
• On-chip VCXO with 200 ppm pull range (±100 ppm)
• 5V-tolerant control inputs
• Zero ppm synthesis error in both
    clocks
   
Applications
• DSL clock source
• Set-top boxes
• Telecom switching
• MPEG Video clock source
• HDTV
   




Similar Part No. - VT83201

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT83205 VAISH-VT83205 Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205/D VAISH-VT83205/D Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205Q VAISH-VT83205Q Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205QX VAISH-VT83205QX Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205S1 VAISH-VT83205S1 Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
More results


Similar Description - VT83201

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
VT83205 VAISH-VT83205 Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVHD-952 CRYSTEKCRYSTAL-CVHD-952 Datasheet
161Kb / 1P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC Datasheet
325Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator(VCXO)
logo
Crystek Corporation
CVPD-952 CRYSTEKCRYSTAL-CVPD-952_17 Datasheet
306Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC_18 Datasheet
634Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com