Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83201 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VT83201
Description  3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83201 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VT83201 Datasheet HTML 1Page - Vaishali Semiconductor VT83201 Datasheet HTML 2Page - Vaishali Semiconductor VT83201 Datasheet HTML 3Page - Vaishali Semiconductor VT83201 Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VT83201
2001-04-12
Page
3
MDST-0011-01
www.Vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 2. Clock Selection Table (OE = High)
S1
S0
CLK1
CLK2
0
0
REF/4
REF/2
0
M
(1)
OFF
X 0.666
0
1
OFF
X 2.6666
1
0
OFF
X 4
1
1
OFF
X 1.3333
Note:
1.
SO has three valid states: 0 (LOW) = VIN
≤ 0.5V
1 (HIGH) = VIN
≥ V
DD – 0.5
M (MID) = 0.5V
< V
IN
< V
DD – 0.5V
Table 3. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Supply voltage, VDD
Referenced to GND
4.6
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only and correct functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Table 4. Operating Conditions
Table 5. DC Electrical Characteristics
TA = 0
°C to +70°C, VDD = 3.15 V to 3.45 V
Parameter
Condition
Min
Typ
(1)
Max
Units
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Operating Supply Current, IDD
No Load
38
mA
Short Circuit Current
Each output
±85
mA
Input Capacitance
S0, S1, OE
7
pF
Note:
1. Typical values are at VDD = 3.3V and 25°C
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage, VDD
3.15
3.3
3.45
V
Input High Voltage, VIH, X1 pin only
2.5
V
Input Low Voltage, VIL, X1 pin only
0.4
V
Input High Voltage, VIH, binary inputs
S1, OE
2
V
Input Low Voltage, VIL, binary inputs
S1, OE
0.8
V
Input High Voltage, VIH, trinary input
S0
VDD-0.5
V
Input Low Voltage, VIL, trinary input
S0
0.5
V
Operating Temperature
0
70
°C
VCXO control voltage, VIN
0
3
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com