Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4428 Datasheet (PDF) - Sanyo Semicon Device

C4428 Datasheet PDF - Sanyo Semicon Device
Part # C4428
Download  C4428 Download
File Size   42.69 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 800V / 6A Switching Regulator Applications

C4428 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4428 Datasheet PDF - Sanyo Semicon Device

Part # C4428
Download  C4428 Click to download

File Size   42.69 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 800V / 6A Switching Regulator Applications

C4428 Datasheet (HTML) - Sanyo Semicon Device


C4428 Product details

Features
• High breakdown voltage, high reliability.
• High-speed switching (tr : 0.1ms typ).
• Wide ASO.
• Adoption of MBIT process.
• Attachment workability is good by Mica-less package.




Similar Part No. - C4428

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
C4428 SANYO-C4428 Datasheet
98Kb / 3P
Switching Regulator Applications
More results


Similar Description - C4428

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC3153 MOSPEC-2SC3153 Datasheet
127Kb / 3P
POWER TRANSISTORS(6A,800V,100W)
logo
Sanyo Semicon Device
2SC4572 SANYO-2SC4572 Datasheet
79Kb / 3P
800V/20mA Switching Applications
logo
Shindengen Electric Mfg...
D5SB80 SHINDENGEN-D5SB80 Datasheet
302Kb / 6P
General Purpose Rectifiers(800V 6A)
D6SB80 SHINDENGEN-D6SB80 Datasheet
330Kb / 6P
General Purpose Rectifiers(800V 6A)
logo
Toshiba Semiconductor
TK09H90A TOSHIBA-TK09H90A Datasheet
239Kb / 6P
Switching Regulator Applications
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
Switching Regulator Applications
2SC3994 SANYO-2SC3994_1 Datasheet
102Kb / 4P
800V/25A Switching Regulator Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
RAD HARD 6A SWITCHING REGULATOR
logo
Rohm
R8006KNX ROHM-R8006KNX Datasheet
2Mb / 14P
Nch 800V 6A Power MOSFET
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com