Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4572 Datasheet (PDF) - Sanyo Semicon Device

2SC4572 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4572
Download  2SC4572 Download
File Size   79.93 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 800V/20mA Switching Applications

2SC4572 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4572 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4572
Download  2SC4572 Click to download

File Size   79.93 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 800V/20mA Switching Applications

2SC4572 Datasheet (HTML) - Sanyo Semicon Device


2SC4572 Product details

800V/20mA Switching Applications



Features

· High breakdown voltage.

· Small Cob.

· High reliability (Adoption of HVP process).




Similar Part No. - 2SC4572

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Inchange Semiconductor ...
2SC4570 ISC-2SC4570 Datasheet
280Kb / 9P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4570 RENESAS-2SC4570 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC4570-T1 NEC-2SC4570-T1 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4570-T1 RENESAS-2SC4570-T1 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results


Similar Description - 2SC4572

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4031 SANYO-2SC4031 Datasheet
87Kb / 3P
900V/20mA Switching Applications
2SC4119 SANYO-2SC4119 Datasheet
84Kb / 3P
800V/15A Driver Applications
2SC4579 SANYO-2SC4579 Datasheet
89Kb / 3P
900V/20mA Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
2SC4635LS SANYO-2SC4635LS Datasheet
28Kb / 3P
1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
logo
DOMINANT Semiconductors
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
SPNovaLED: 20mA
logo
Sanyo Semicon Device
2SC3994 SANYO-2SC3994_1 Datasheet
102Kb / 4P
800V/25A Switching Regulator Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
Rohm
2SK2294 ROHM-2SK2294 Datasheet
139Kb / 5P
Switching (800V, 3A)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com