Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4119 Datasheet (PDF) - Sanyo Semicon Device

2SC4119 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4119
Download  2SC4119 Download
File Size   84.84 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 800V/15A Driver Applications

2SC4119 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4119 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4119
Download  2SC4119 Click to download

File Size   84.84 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 800V/15A Driver Applications

2SC4119 Datasheet (HTML) - Sanyo Semicon Device


2SC4119 Product details

NPN Triple Diffused Planar Silicon Darlington Transistor

800V/15A Driver Applications



Features

· High speed (adoption of MBIT process).

· High breakdown voltage (VCBO=1500V).

· On-chip damper diode.

· High reliability.



Applications

· Induction cookers.

· High-voltage , high-power switching.



 




Similar Part No. - 2SC4119

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC411 SHINDENGEN-2SC411 Datasheet
39Kb / 1P
POWER TRANSISTOR
logo
Sanyo Semicon Device
2SC4110 SANYO-2SC4110 Datasheet
104Kb / 4P
Switching Regulator Applications
logo
Savantic, Inc.
2SC4110 SAVANTIC-2SC4110 Datasheet
144Kb / 3P
Silicon NPN Power Transistors
2SC4110 SAVANTIC-2SC4110 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4110 ISC-2SC4110 Datasheet
255Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SC4119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1292 SANYO-2SA1292 Datasheet
100Kb / 4P
60V/15A High-Speed Switching Applications
2SA2031 SANYO-2SA2031 Datasheet
33Kb / 4P
230V / 15A, AF100W Output Applications
2SB1406 SANYO-2SB1406 Datasheet
68Kb / 3P
Driver Applications???
2SB829 SANYO-2SB829 Datasheet
107Kb / 3P
50V/15A Switching Applications
2SB887 SANYO-2SB887 Datasheet
111Kb / 4P
Driver Applications?????????
2SC4572 SANYO-2SC4572 Datasheet
79Kb / 3P
800V/20mA Switching Applications
logo
Shindengen Electric Mfg...
D15XB80 SHINDENGEN-D15XB80 Datasheet
303Kb / 6P
General Purpose Rectifiers(800V 15A)
logo
Sanyo Semicon Device
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
50V / 15A High-Speed Switching Applications
2SA2221 SANYO-2SA2221 Datasheet
317Kb / 4P
230V / 15A, AF100W Output Applications
2SC3994 SANYO-2SC3994_1 Datasheet
102Kb / 4P
800V/25A Switching Regulator Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com