Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4119 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4119
Description  800V/15A Driver Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4119 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4119 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4119 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4119 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC4119

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC411 SHINDENGEN-2SC411 Datasheet
39Kb / 1P
POWER TRANSISTOR
logo
Sanyo Semicon Device
2SC4110 SANYO-2SC4110 Datasheet
104Kb / 4P
Switching Regulator Applications
logo
Savantic, Inc.
2SC4110 SAVANTIC-2SC4110 Datasheet
144Kb / 3P
Silicon NPN Power Transistors
2SC4110 SAVANTIC-2SC4110 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4110 ISC-2SC4110 Datasheet
255Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC4119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1292 SANYO-2SA1292 Datasheet
100Kb / 4P
60V/15A High-Speed Switching Applications
2SA2031 SANYO-2SA2031 Datasheet
33Kb / 4P
230V / 15A, AF100W Output Applications
2SB1406 SANYO-2SB1406 Datasheet
68Kb / 3P
Driver Applications???
2SB829 SANYO-2SB829 Datasheet
107Kb / 3P
50V/15A Switching Applications
2SB887 SANYO-2SB887 Datasheet
111Kb / 4P
Driver Applications?????????
2SC4572 SANYO-2SC4572 Datasheet
79Kb / 3P
800V/20mA Switching Applications
logo
Shindengen Electric Mfg...
D15XB80 SHINDENGEN-D15XB80 Datasheet
303Kb / 6P
General Purpose Rectifiers(800V 15A)
logo
Sanyo Semicon Device
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
50V / 15A High-Speed Switching Applications
2SA2221 SANYO-2SA2221 Datasheet
317Kb / 4P
230V / 15A, AF100W Output Applications
2SC3994 SANYO-2SC3994_1 Datasheet
102Kb / 4P
800V/25A Switching Regulator Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com