Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80G03GD Datasheet (PDF) - A POWER MICROELECTRONICS

AP80G03GD Datasheet PDF - A POWER MICROELECTRONICS
Part # AP80G03GD
Download  AP80G03GD Download
File Size   1442.04 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NP-Channel Enhancement Mode MOSFET

AP80G03GD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP80G03GD Datasheet PDF - A POWER MICROELECTRONICS

Part # AP80G03GD
Download  AP80G03GD Click to download

File Size   1442.04 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NP-Channel Enhancement Mode MOSFET

AP80G03GD Datasheet (HTML) - A POWER MICROELECTRONICS


AP80G03GD Product details

Features
- VDS = 30V ID =80A
- RDS(ON) < 6.5mΩ @ VGS=10V(Type:4.5mΩ)
- VDS = -30V ID =-72A
- RDS(ON) < 8.0mΩ @ VGS=-10V(Type:6.2mΩ)

Applications
- Boost driver
- Brushless motor




Similar Part No. - AP80G03GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80G03NF APME-AP80G03NF Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
More results


Similar Description - AP80G03GD

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com