Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80G03GD Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP80G03GD
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80G03GD Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP80G03GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP80G03GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP80G03GD
30V N+P-Channel Enhancement Mode MOSFET
AP80G03GD RVE1.0
永源微電子科技有限公司
P-Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-30
---
---
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=-30A
---
6.2
8.0
mΩ
VGS=-4.5V , ID=-15A
---
11
13
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
1.6
-2.5
V
IDSS
Drain-Source Leakage Current
VDS=-24V , VGS=0V , TJ=25
℃
---
---
-1
uA
VDS=-24V , VGS=0V , TJ=55
℃
---
---
-5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-30A
---
25
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-15V , VGS=-4.5V , ID=-
15A
---
30
---
nC
Qgs
Gate-Source Charge
---
10
---
Qgd
Gate-Drain Charge
---
10.4
---
Td(on)
Turn-On Delay Time
VDD=-15V , VGS=-10V ,
RG=3.3Ω
ID=-15A
---
9.4
---
ns
Tr
Rise Time
---
10.2
---
Td(off)
Turn-Off Delay Time
---
117
---
Tf
Fall Time
---
24
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
3448
---
pF
Coss
Output Capacitance
---
508
---
Crss
Reverse Transfer Capacitance
---
421
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
-50
A
ISM
Pulsed Source Current2
---
---
-130
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25
℃
---
---
-1
V
trr
Reverse Recovery Time
IF=-15A , dI/dt=100A/µs ,
TJ=25
℃
---
20
---
nS
Qrr
Reverse Recovery Charge
---
9.5
---
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175
℃ junction temperature
4、EAS condition: TJ=25
℃, VDD= -24V, VG= -10V, RG=7Ω, L=0.1mH, IAS= -72A
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com