Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80H03GD Datasheet (PDF) - A POWER MICROELECTRONICS

AP80H03GD Datasheet PDF - A POWER MICROELECTRONICS
Part # AP80H03GD
Download  AP80H03GD Download
File Size   1751.35 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NN-Channel Enhancement Mode MOSFET

AP80H03GD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP80H03GD Datasheet PDF - A POWER MICROELECTRONICS

Part # AP80H03GD
Download  AP80H03GD Click to download

File Size   1751.35 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NN-Channel Enhancement Mode MOSFET

AP80H03GD Datasheet (HTML) - A POWER MICROELECTRONICS


AP80H03GD Product details

Features
- VDS = 30V ID =80A
- RDS(ON) < 5.5mΩ @ VGS=10V (Type:4.5mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP80H03GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80H03NF2 APME-AP80H03NF2 Datasheet
1Mb / 7P
30V NN-Channel Enhancement Mode MOSFET
More results


Similar Description - AP80H03GD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H03S YFWDIODE-YFW6H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW7H03DF YFWDIODE-YFW7H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03DF YFWDIODE-YFW10H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03S YFWDIODE-YFW10H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H03NF YFWDIODE-YFW20H03NF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80H03GD YFWDIODE-YFW80H03GD Datasheet
2Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com