Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80H03GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP80H03GD
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80H03GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP80H03GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP80H03GD
30V N+N-Channel Enhancement Mode MOSFET
AP80H03GD RVE1.0
永源微電子科技有限公司
Description
The AP80H03GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 30V ID =80A
RDS(ON) < 5.5mΩ @ VGS=10V (Type:4.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP80H03GD
TO-252-4L
AP80H03GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
80
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
51
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
15
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
12
A
IDM
Pulsed Drain Current2
160
A
EAS
Single Pulse Avalanche Energy3
115.2
mJ
IAS
Avalanche Current
48
A
PD@TC=25℃
Total Power Dissipation4
59
W
PD@TA=25℃
Total Power Dissipation4
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.1
℃
/W


Similar Part No. - AP80H03GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80H03NF2 APME-AP80H03NF2 Datasheet
1Mb / 7P
30V NN-Channel Enhancement Mode MOSFET
More results

Similar Description - AP80H03GD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H03S YFWDIODE-YFW6H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW7H03DF YFWDIODE-YFW7H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03DF YFWDIODE-YFW10H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03S YFWDIODE-YFW10H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H03NF YFWDIODE-YFW20H03NF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80H03GD YFWDIODE-YFW80H03GD Datasheet
2Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com