Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N06BD Datasheet (PDF) - A POWER MICROELECTRONICS

AP80N06BD Datasheet PDF - A POWER MICROELECTRONICS
Part # AP80N06BD
Download  AP80N06BD Download
File Size   1314.78 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 60V N-Channel Enhancement Mode MOSFET

AP80N06BD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP80N06BD Datasheet PDF - A POWER MICROELECTRONICS

Part # AP80N06BD
Download  AP80N06BD Click to download

File Size   1314.78 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 60V N-Channel Enhancement Mode MOSFET

AP80N06BD Datasheet (HTML) - A POWER MICROELECTRONICS


AP80N06BD Product details

Features
- VDS = 60V ID =80A
- RDS(ON) < 8.5mΩ @ VGS=10V (Type:7.5mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP80N06BD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80N06D APME-AP80N06D Datasheet
754Kb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.1
AP80N06HP APME-AP80N06HP Datasheet
777Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N06HPT APME-AP80N06HPT Datasheet
777Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N06HT APME-AP80N06HT Datasheet
777Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N06NF APME-AP80N06NF Datasheet
1Mb / 8P
60V N-Channel Enhancement Mode MOSFET
REV1.1
More results


Similar Description - AP80N06BD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com