Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N06D Datasheet (PDF) - A POWER MICROELECTRONICS

AP80N06D Datasheet PDF - A POWER MICROELECTRONICS
Part # AP80N06D
Download  AP80N06D Download
File Size   754.55 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 65V N-Channel Enhancement Mode MOSFET

AP80N06D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP80N06D Datasheet PDF - A POWER MICROELECTRONICS

Part # AP80N06D
Download  AP80N06D Click to download

File Size   754.55 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 65V N-Channel Enhancement Mode MOSFET

AP80N06D Datasheet (HTML) - A POWER MICROELECTRONICS


AP80N06D Product details

Features
- VDS = 65V ID =80A
- RDS(ON) < 8.5mΩ @ VGS=10V (Type:6.5mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP80N06D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80N06BD APME-AP80N06BD Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N06HP APME-AP80N06HP Datasheet
777Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N06HPT APME-AP80N06HPT Datasheet
777Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N06HT APME-AP80N06HT Datasheet
777Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N06NF APME-AP80N06NF Datasheet
1Mb / 8P
60V N-Channel Enhancement Mode MOSFET
REV1.1
More results


Similar Description - AP80N06D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY80N07T HY-HY80N07T Datasheet
228Kb / 4P
65V / 80A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM070N07PQ56 TSC-TSM070N07PQ56 Datasheet
487Kb / 6P
65V N-Channel MOSFET
logo
PFC Device Inc.
PRM2R8N06N5 PFC-PRM2R8N06N5 Datasheet
858Kb / 8P
65V Single N-Channel MOSFET
PRM3R3N06CT PFC-PRM3R3N06CT Datasheet
898Kb / 8P
65V Single N-Channel MOSFET
PRM3R5N06D PFC-PRM3R5N06D Datasheet
875Kb / 8P
65V Single N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com