Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0110 Datasheet (PDF) - Proto Advantage SMD Adapter

PA0110 Datasheet PDF - Proto Advantage SMD Adapter
Part # PA0110
Download  PA0110 Download
File Size   49.26 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description TQFP-80/LQFP-80 to DIP-80 SMT Adapter (0.5 mm pitch, 12 x 12 mm body)

PA0110 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA0110 Datasheet PDF - Proto Advantage SMD Adapter

Part # PA0110
Download  PA0110 Click to download

File Size   49.26 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description TQFP-80/LQFP-80 to DIP-80 SMT Adapter (0.5 mm pitch, 12 x 12 mm body)

PA0110 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - PA0110

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0110-S PROTOADVANTAGE-PA0110-S Datasheet
42Kb / 1P
TQFP-80/LQFP-80 Stencil (0.5 mm pitch, 12 x 12 mm body)
revision 1.1
logo
Norgren Ltd
PA0110015 NORGREN-PA0110015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0110025 NORGREN-PA0110025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
logo
Proto Advantage SMD Ada...
PA0110C PROTOADVANTAGE-PA0110C Datasheet
186Kb / 2P
TQFP-80/LQFP-80 to DIP-80 SMT Adapter (0.5 mm pitch, 12 x 12 mm body) Compact Series
revision 1.0
More results


Similar Description - PA0110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
logo
List of Unclassifed Man...
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
80 x 80 x 15 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
logo
Yamaichi Electronics Co...
IC149-080-31 YAMAICHI-IC149-080-31 Datasheet
217Kb / 12P
QFP/TQFP - 80 Pins (20x20) 0.5mm pitch
logo
List of Unclassifed Man...
8400N ETC2-8400N Datasheet
125Kb / 1P
DC axial fans Series 8400 N 80 x 80 x 25 mm
logo
PHOENIX CONTACT
0801730 PHOENIX-0801730 Datasheet
48Kb / 1P
DIN rail, width: 53 mm, height: 80 mm
3009338 PHOENIX-3009338 Datasheet
56Kb / 2P
EB 80-12
logo
Schneider Electric
XAPM11 SCHNEIDER-XAPM11 Datasheet
160Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 80 x 51.5 mm
Feb 10, 2022
XAPM14 SCHNEIDER-XAPM14 Datasheet
160Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 80 x 77 mm
Feb 10, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com