Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0801730 Datasheet (PDF) - PHOENIX CONTACT

0801730 Datasheet PDF - PHOENIX CONTACT
Part # 0801730
Download  0801730 Download
File Size   48.69 Kbytes
Page   1 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail, width: 53 mm, height: 80 mm

0801730 Datasheet (PDF)

Go To PDF Page Download Datasheet
0801730 Datasheet PDF - PHOENIX CONTACT

Part # 0801730
Download  0801730 Click to download

File Size   48.69 Kbytes
Page   1 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail, width: 53 mm, height: 80 mm

0801730 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 0801730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801733 PHOENIX-0801733 Datasheet
176Kb / 6P
ST 1,5-TWIN BU
0801733 PHOENIX-0801733 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0801733 PHOENIX-0801733 Datasheet
113Kb / 6P
PIT 2,5 BU
0801733 PHOENIX-0801733 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
0801733 PHOENIX-0801733 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
More results


Similar Description - 0801730

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0205200000 WEIDMULLER-0205200000 Datasheet
487Kb / 1P
Cable Lug 32/35 mm DIN-Rail Terminals
0259800000 WEIDMULLER-0259800000 Datasheet
495Kb / 1P
Screw Clamp 35 mm DIN-Rail Terminals
logo
Crydom Inc.,
DRA-CN024DR CRYDOM-DRA-CN024DR Datasheet
943Kb / 6P
6.2mm Din-Rail Mount (35 mm) SSR Assembly
logo
PHOENIX CONTACT
3030514 PHOENIX-3030514 Datasheet
64Kb / 2P
End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm, Color: gray
3072821 PHOENIX-3072821 Datasheet
53Kb / 2P
Separating plate, length: 105.2 mm, width: 1 mm, height: 67.5 mm, color: gray
2279020 PHOENIX-2279020 Datasheet
48Kb / 3P
Electronic housing, design width 12.5 mm, 3 connection levels per side, for DIN rail bus connectors
3212203 PHOENIX-3212203 Datasheet
52Kb / 2P
End cover, length: 66.4 mm, width: 2.2 mm, height: 29 mm, color: gray
3274054 PHOENIX-3274054 Datasheet
51Kb / 2P
DIN rail adapter, width: 28.6 mm, height: 11 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
3274057 PHOENIX-3274057 Datasheet
50Kb / 2P
DIN rail adapter, with end stop function, width: 10.3 mm, height: 12 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2890179 PHOENIX-2890179 Datasheet
47Kb / 3P
Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com