Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2279020 Datasheet (PDF) - PHOENIX CONTACT

2279020 Datasheet PDF - PHOENIX CONTACT
Part # 2279020
Download  2279020 Download
File Size   48.1 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic housing, design width 12.5 mm, 3 connection levels per side, for DIN rail bus connectors

2279020 Datasheet (PDF)

Go To PDF Page Download Datasheet
2279020 Datasheet PDF - PHOENIX CONTACT

Part # 2279020
Download  2279020 Click to download

File Size   48.1 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic housing, design width 12.5 mm, 3 connection levels per side, for DIN rail bus connectors

2279020 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2279020

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2279017 PHOENIX-2279017 Datasheet
48Kb / 3P
Plug-in connection with screw, spring-cage or fast connection technology
2279033 PHOENIX-2279033 Datasheet
44Kb / 2P
Electronic housing - ME TBUS PST 1,5/ 5-3,81
2279046 PHOENIX-2279046 Datasheet
45Kb / 2P
Components of electronic housing - ME PS-22,5 FKCT TRANS
2279062 PHOENIX-2279062 Datasheet
45Kb / 2P
Components of electronic housing - ME PS-22,5 MSTBT TRANS
2279075 PHOENIX-2279075 Datasheet
45Kb / 2P
Components of electronic housing - ME PS-22,5 TVFKC TRANS
More results


Similar Description - 2279020

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202876 PHOENIX-2202876 Datasheet
54Kb / 2P
DIN rail bus connectors
0801730 PHOENIX-0801730 Datasheet
48Kb / 1P
DIN rail, width: 53 mm, height: 80 mm
2713094 PHOENIX-2713094 Datasheet
69Kb / 4P
Extra slim electronic housing, pitch 6.2 mm, 4 connection levels, 8-pos. with screw connection
2713104 PHOENIX-2713104 Datasheet
69Kb / 4P
Extra slim electronic housing, pitch 6.2 mm, 4 connection levels, 8-pos. with spring-cage connection
2869032 PHOENIX-2869032 Datasheet
69Kb / 4P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2869634 PHOENIX-2869634 Datasheet
56Kb / 3P
Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with screw connection
2869647 PHOENIX-2869647 Datasheet
57Kb / 4P
Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with springcage connection
2890179 PHOENIX-2890179 Datasheet
47Kb / 3P
Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
2901482 PHOENIX-2901482 Datasheet
55Kb / 2P
Component housing, length: 99 mm, Lower part, Cross connection: without bus connector, color: blue, width: 12.5 mm, height: 114.5 mm
2909743 PHOENIX-2909743 Datasheet
116Kb / 9P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com