Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP90H06NF Datasheet (PDF) - A POWER MICROELECTRONICS

AP90H06NF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP90H06NF
Download  AP90H06NF Download
File Size   799.66 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 60V NN-Channel Enhancement Mode MOSFET

AP90H06NF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP90H06NF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP90H06NF
Download  AP90H06NF Click to download

File Size   799.66 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 60V NN-Channel Enhancement Mode MOSFET

AP90H06NF Datasheet (HTML) - A POWER MICROELECTRONICS


AP90H06NF Product details

Features
- VDS = 60V ID =100A
- RDS(ON) < 4.8mΩ @ VGS=10V (Type:3.8mΩ)

Applications
- Battery protection
- UPS




Similar Part No. - AP90H06NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9050 DIODES-AP9050 Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9050FDB DIODES-AP9050FDB Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9050FDB-7 DIODES-AP9050FDB-7 Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9060 DIODES-AP9060 Datasheet
305Kb / 9P
OVERVOLTAGE CLAMP
Rev erse
AP9060FM8-7 DIODES-AP9060FM8-7 Datasheet
305Kb / 9P
OVERVOLTAGE CLAMP
Rev erse
More results


Similar Description - AP90H06NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
DONGGUAN YOU FENG WEI E...
YFW8H06S YFWDIODE-YFW8H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15H06S YFWDIODE-YFW15H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW50H06NF YFWDIODE-YFW50H06NF Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6946S YFWDIODE-YFW6946S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG70H06NF YFWDIODE-YFWG70H06NF Datasheet
2Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com