Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP90H06NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP90H06NF
Description  60V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90H06NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP90H06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP90H06NF
60V N+N-Channel Enhancement Mode MOSFET
AP90H06NF REV1.0
永源微電子科技有限公司
Description
The AP90H06NF uses advanced APM-SGT II technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =100A
RDS(ON) < 4.8mΩ @ VGS=10V (Type:3.8mΩ)
Application
Battery protection
UPS
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP90H06NF
PDFN5*6-8L
AP90H06NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current1,6
90
A
ID@TC=100
℃
Continuous Drain Current1,6
61
A
IDM
Pulsed Drain Current2
380
A
EAS
Single Pulse Avalanche Energy3
80
mJ
IAS
Avalanche Current
40
A
PD@TC=25
℃
Total Power Dissipation4
73.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
51
℃/W
RθJC
Thermal Resistance Junction-Case1
1.7
℃/W


Similar Part No. - AP90H06NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9050 DIODES-AP9050 Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9050FDB DIODES-AP9050FDB Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9050FDB-7 DIODES-AP9050FDB-7 Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9060 DIODES-AP9060 Datasheet
305Kb / 9P
OVERVOLTAGE CLAMP
Rev erse
AP9060FM8-7 DIODES-AP9060FM8-7 Datasheet
305Kb / 9P
OVERVOLTAGE CLAMP
Rev erse
More results

Similar Description - AP90H06NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
DONGGUAN YOU FENG WEI E...
YFW8H06S YFWDIODE-YFW8H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15H06S YFWDIODE-YFW15H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW50H06NF YFWDIODE-YFW50H06NF Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6946S YFWDIODE-YFW6946S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG70H06NF YFWDIODE-YFWG70H06NF Datasheet
2Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com