Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14111A Datasheet (PDF) - Renesas Technology Corp

SC14111A Datasheet PDF - Renesas Technology Corp
Part # SC14111A
Download  SC14111A Download
File Size   314.94 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hi-Fi Codecs with USB, Analog, and Digital Audio Interfaces

SC14111A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC14111A Datasheet PDF - Renesas Technology Corp

Part # SC14111A
Download  SC14111A Click to download

File Size   314.94 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hi-Fi Codecs with USB, Analog, and Digital Audio Interfaces

SC14111A Datasheet (HTML) - Renesas Technology Corp


SC14111A Product details

DCXO 10.368/20.736 MHz XTAL with low power mode
▪ On-chip 82.944 MHz and 48 MHz PLLs
▪ Processing power
• 82.944 MHz 16 bit CompactRISCTM
CR16Cplus with instruction and data cache
• Four channel DMA controller
• Single (SC14110A), Dual (SC14111A)
82.944 MHz Gen2DSP with Micro Code RAM and ROM
• Equal Bus cycles for ROM and QSPI access
▪ Development/Debug support
• Serial Debug interface, Nexus Class-1 compliant
• Performance Timer for Gen2DSP and CR16C
• Instruction/Data/Event Trace unit
• CR16C 8 channel debug unit for ROM patching
• Gen2DSP 2 channel debug unit for MCROM patching
▪ Memories (SC14111A)
• Up to 16 MB QSPI Flash (82.944 MHz)
• 4/0.5/0.5 kB Cache/Admin/Trace RAM
• 12 kB/12 kB Shared RAM1/2
• 8/8 kB, 30/64 kB Micro Code RAM1/2, ROM1/2
▪ Memories (SC14110A)
• 512 kbit Internal ROM (82.944 MHz)
• 4/0.5/0.5 kB Cache/Admin/Trace RAM
• 12 kB Shared RAM1
• 8 kB, 30 kB Micro Code RAM1, ROM1
▪ Power management
• Supports 100 mA USB low-power




Similar Part No. - SC14111A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC141 ETC1-SC141 Datasheet
232Kb / 6P
6-A AND 10-A SILICON TRIACS
logo
Digitron Semiconductors
SC141 DIGITRON-SC141 Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC141 NJSEMI-SC141 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
SC1417B SEMTECH-SC1417B Datasheet
185Kb / 11P
MicroPower, 620kHz PWM, Step-up DC/DC Converter
More results


Similar Description - SC14111A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
Audio processor for VHS hi-fi and linear audio
1995 Mar 21
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
14W Hi-Fi AUDIO AMPLIFIER
Mar-1993
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
18W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
SMSC Corporation
UFX6000 SMSC-UFX6000 Datasheet
766Kb / 51P
USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com