Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT25F64BBGIGA-S Datasheet (PDF) - List of Unclassifed Manufacturers

XT25F64BBGIGA-S Datasheet PDF - List of Unclassifed Manufacturers
Part # XT25F64BBGIGA-S
Download  XT25F64BBGIGA-S Download
File Size   1719.24 Kbytes
Page   70 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Quad IO Serial NOR Flash

XT25F64BBGIGA-S Datasheet (PDF)

Go To PDF Page Download Datasheet
XT25F64BBGIGA-S Datasheet PDF - List of Unclassifed Manufacturers

Part # XT25F64BBGIGA-S
Download  XT25F64BBGIGA-S Click to download

File Size   1719.24 Kbytes
Page   70 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Quad IO Serial NOR Flash

XT25F64BBGIGA-S Datasheet (HTML) - List of Unclassifed Manufacturers


XT25F64BBGIGA-S Product details

GENERAL DESCRIPTION
The XT25F64B-S (64M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and supports
the Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (WP#), and I/O3
(HOLD#). The Dual I/O data is transferred with speed of 216Mbits/s and the Quad I/O & Quad output data is
transferred with speed of 344Mbits/s.




Similar Part No. - XT25F64BBGIGA-S

ManufacturerPart #DatasheetDescription
logo
ABB
XT2 ABB-XT2 Datasheet
331Kb / 2P
Tmax XT molded case circuit breakers
logo
Shanghai Natlinear Elec...
XT2051_E NATLINEAR-XT2051_E Datasheet
357Kb / 12P
1.0A Compatible With The USB Interface, Linear Battery Management Chip
July. 17, 2012
XT2052 NATLINEAR-XT2052 Datasheet
269Kb / 8P
1A Compatible With the USB Interface, Linear Battery Management Chip
VER: 19C01
XT2052Y2ASR-G NATLINEAR-XT2052Y2ASR-G Datasheet
269Kb / 8P
1A Compatible With the USB Interface, Linear Battery Management Chip
VER: 19C01
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Similar Description - XT25F64BBGIGA-S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A11E1240X MICRON-N25Q128A11E1240X Datasheet
1Mb / 83P
Micron Serial NOR Flash Memory
N25Q256A MICRON-N25Q256A Datasheet
987Kb / 90P
Micron Serial NOR Flash Memory
N25Q128A11ESE40G MICRON-N25Q128A11ESE40G Datasheet
1Mb / 82P
Micron Serial NOR Flash Memory
M25PX80-VMW6TG MICRON-M25PX80-VMW6TG Datasheet
775Kb / 56P
M25PX80 NOR Serial Flash Embedded Memory
N25Q256A11ESF40F MICRON-N25Q256A11ESF40F Datasheet
1Mb / 87P
Micron Serial NOR Flash Memory
N25Q256A13EF840F MICRON-N25Q256A13EF840F Datasheet
1Mb / 90P
Micron Serial NOR Flash Memory
M25PX80-VMP6TG MICRON-M25PX80-VMP6TG Datasheet
775Kb / 56P
M25PX80 NOR Serial Flash Embedded Memory
MT25QL256 MICRON-MT25QL256 Datasheet
1Mb / 97P
Micron Serial NOR Flash Memory
logo
Shenzhen Huazhimei Semi...
HM25Q40A HMSEMI-HM25Q40A Datasheet
3Mb / 62P
3V 4M -BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI
logo
ACE Technology Co., LTD...
ACE25AA400G ACE-ACE25AA400G Datasheet
2Mb / 49P
Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com