Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE52CZAP Datasheet (PDF) - STMicroelectronics

LE52CZAP Datasheet PDF - STMicroelectronics
Part # LE52CZAP
Download  LE52CZAP Download
File Size   207.5 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT

LE52CZAP Datasheet (PDF)

Go To PDF Page Download Datasheet
LE52CZAP Datasheet PDF - STMicroelectronics

Part # LE52CZAP
Download  LE52CZAP Click to download

File Size   207.5 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT

LE52CZAP Datasheet (HTML) - STMicroelectronics


LE52CZAP Product details

DESCRIPTION

The LE00 regulator series are very Low Drop regulators available in SO-8 and TO-92 packages and in a wide range of output voltages. The very Low Drop voltage (0.2V) and the very low quiescent current make them particularly suitable for Low Noise Low Power applications and specially in battery powered systems.



■ VERY LOW DROPOUT VOLTAGE (0.2V TYP)

■ VERY LOW QUIESCENT CURRENT (TYP. 50 µA IN OFF MODE, 0.5 mA IN ON MODE, NO LOAD)

■ OUTPUT CURRENT UP TO 100 mA

■ OUTPUT VOLTAGES OF 1.25; 1.5; 2.5; 3; 3.3; 3.5; 4; 4.5; 4.7; 5; 5.2; 5.5; 6; 8V

■ INTERNAL CURRENT AND THERMAL LIMIT

■ ONLY 2.2 µF FOR STABILITY

■ AVAILABLE IN ± 1% (A) OR ± 2% (C) SELECTION AT 25°C

■ SUPPLY VOLTAGE REJECTION: 80db (TYP.)

■ TEMPERATURE RANGE: -40 TO 125 °C




Similar Part No. - LE52CZAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LE507 ETC-LE507 Datasheet
66Kb / 3P
Class A Output Stage with Input Biasing
logo
STMicroelectronics
LE50AB STMICROELECTRONICS-LE50AB Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
LE50ABZ STMICROELECTRONICS-LE50ABZ Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Similar Description - LE52CZAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com