Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4187 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4187 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4187
Download  NJW4187 Download
File Size   483.11 Kbytes
Page   14 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description High Voltage Io=1000mA Low Dropout Regulator

NJW4187 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4187 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4187
Download  NJW4187 Click to download

File Size   483.11 Kbytes
Page   14 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description High Voltage Io=1000mA Low Dropout Regulator

NJW4187 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4187 Product details

FEATURES
Wide Operating Voltage Range 4.0V to 40V
Low Current Consumption 55μA typ. (A version)
48μA typ. (B version)
High Precision Output VO 1.0%
Output Current IO (min.)=1000mA
Output Voltage Range 2.0V to 15V
Correspond to Low ESR capacitor (MLCC)
ON/OFF Control (apply only the A version)
Internal Thermal Overload Protection
Internal Over Current Protection
Package Outline A ver. TO-252-5
B ver. TO-252-3




Similar Part No. - NJW4187

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4187 NJRC-NJW4187 Datasheet
151Kb / 1P
40V Io=1000mA Low dropout Regulator
NJW4187DL3 NJRC-NJW4187DL3 Datasheet
151Kb / 1P
40V Io=1000mA Low dropout Regulator
More results


Similar Description - NJW4187

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2942 ADMOS-AMS2942 Datasheet
68Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2942 ADMOS-AMS2942_08 Datasheet
77Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
logo
New Japan Radio
NJW4183 NJRC-NJW4183 Datasheet
144Kb / 1P
40V Io=100mA Low dropout Regulator
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
40V Io=500mA Low dropout Regulator
NJW4187 NJRC-NJW4187 Datasheet
151Kb / 1P
40V Io=1000mA Low dropout Regulator
NJW4184 NJRC-NJW4184 Datasheet
263Kb / 13P
High Voltage Very low current consumption Io=300mA Low Dropout Regulator
NJW4185 NJRC-NJW4185_13 Datasheet
207Kb / 11P
High Voltage Io=500mA Low Dropout Regulator
NJW4186-T1 NJRC-NJW4186-T1 Datasheet
430Kb / 15P
High Voltage Io=500mA Adjustable Low Dropout Regulator
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com