Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G03V21322HR Datasheet (PDF) - Amphenol Communications Solutions

G03V21322HR Datasheet PDF - Amphenol Communications Solutions
Part # G03V21322HR
Download  G03V21322HR Download
File Size   459.62 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Multi-Trak™

G03V21322HR Datasheet (PDF)

Go To PDF Page Download Datasheet
G03V21322HR Datasheet PDF - Amphenol Communications Solutions

Part # G03V21322HR
Download  G03V21322HR Click to download

File Size   459.62 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Multi-Trak™

G03V21322HR Datasheet (HTML) - Amphenol Communications Solutions


G03V21322HR Product details

FEATURES
§ 0.60mm pitch, vertical configurations
§ With Power solutions in DIP type, total can support 21A
§ Up to 56Gb/s PAM4, PCIe® Gen 5, over 1.0 meter
transmission distance
§ Supports both cable and card edge applications with one
identical connector
§ Optional for 85Ω (G03 series) impedance and various pin
number options - meeting PCIe®/NVMe/SAS/SFP(+)/
QSFP/ OCP DC-MHS/ SFF-TA-1033 specifications

BENEFITS
§ Combine original PCIe® and MCIO to be one connector,
include POWER and high/low speed signal
§ Reverse cable for easy to organize the layout
§ Variety of plugs to support different routing requirement
§ Support different applications for AIC, Combo cable and
MCIO STD cable
§ Modularized design for further expansion, card and cable
interactive support




Similar Part No. - G03V21322HR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G03VA ETC1-G03VA Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G03VB ETC1-G03VB Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G03VC ETC1-G03VC Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G03VE ETC1-G03VE Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G03VF ETC1-G03VF Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results


Similar Description - G03V21322HR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192670189 MOLEX4-0192670189 Datasheet
239Kb / 2P
Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm
05/19/2010
logo
Infineon Technologies A...
S76HS512TC0 INFINEON-S76HS512TC0 Datasheet
218Kb / 16P
512Mb SEMPER™ Flash and 64Mb HYPERRAM™ 2.0 HYPERBUS™ interface, multi-chip package, 1.8 V/3.0 V
Rev. B 2022-09-21
TLD7002-16ES INFINEON-TLD7002-16ES Datasheet
2Mb / 82P
LITIX™ Pixel Rear Multi-channel LED driver
Rev.1.00 2022-05-03
logo
Renesas Technology Corp
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Infineon Technologies A...
TLD7002-16LITE_KIT INFINEON-TLD7002-16LITE_KIT Datasheet
1Mb / 17P
LITIX™ Pixel Rear Multi-channel LED driver Z8F80321004
Rev.1.01 2022-09-22
logo
Texas Instruments
CC1354R10 TI1-CC1354R10 Datasheet
3Mb / 87P
CC1354R10 SimpleLink™ High-Performance Multi-Band Wireless MCU
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com