Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843034-06 Datasheet (PDF) - Renesas Technology Corp

843034-06 Datasheet PDF - Renesas Technology Corp
Part # 843034-06
Download  843034-06 Download
File Size   739.83 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer

843034-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
843034-06 Datasheet PDF - Renesas Technology Corp

Part # 843034-06
Download  843034-06 Click to download

File Size   739.83 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer

843034-06 Datasheet (HTML) - Renesas Technology Corp


843034-06 Product details

GENERAL DESCRIPTION
The 843034-06 is a general purpose, low phase noise LVPECL
synthesizer which can generate frequencies for a wide variety of
applications. The 843034-06 has a 4:1 input multiplexer from which
the following inputs can be selected: one differential input, one
single-ended input, or one of two crystal oscillators, thus making
the device ideal for frequency translation or frequency generation.
The 843034-06 has dual LVPECL outputs that may be programmed
for ÷2, ÷4 or ÷5 of the VCO frequency. The 843034-06 also supplies
a buffered copy of the reference clock or crystal frequency on the
single-ended REF_OUT pin which can be enabled or disabled
(disabled by default). The output frequency can be programmed
using either a serial or parallel programming interface. This device
supports Spread Spectrum Clocking (SSC) for EMI reduction.

FEATURES
• Dual differential 3.3V LVPECL outputs
• 4:1 Input Mux:
One differential input
One single-ended input
Two crystal oscillator interfaces
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 120MHz to 375MHz
• Crystal input frequency range: 12MHz to 40MHz
• VCO range: 600MHz to 750MHz
• Supports Spread Spectrum Clocking (SSC)
• Parallel or serial interface for programming feedback divider
and output dividers
• RMS phase jitter at 166.6MHz, using a 22.222MHz crystal
(12kHz to 30MHz): 1.33ps (typical), SSC - Off
• 3.3V supply mode
• 0°C to 75°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843034-06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034-06 IDT-843034-06 Datasheet
538Kb / 24P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
More results


Similar Description - 843034-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 25, 2005
logo
Integrated Device Techn...
843034-06 IDT-843034-06 Datasheet
538Kb / 24P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034I-06 IDT-843034I-06 Datasheet
542Kb / 25P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843002 IDT-843002 Datasheet
379Kb / 17P
Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252-45 IDT-8430252-45 Datasheet
237Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
ICS843034 RENESAS-ICS843034 Datasheet
954Kb / 31P
FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
December 2, 2015
ICS843204I RENESAS-ICS843204I Datasheet
540Kb / 17P
FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
MARCH 18, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com