Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet (PDF) - Renesas Technology Corp

ICS843034 Datasheet PDF - Renesas Technology Corp
Part # ICS843034
Download  ICS843034 Download
File Size   954.1 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer

ICS843034 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843034 Datasheet PDF - Renesas Technology Corp

Part # ICS843034
Download  ICS843034 Click to download

File Size   954.1 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer

ICS843034 Datasheet (HTML) - Renesas Technology Corp


ICS843034 Product details

General Description
The 843034 is a general purpose, low phase noise
LVPECL synthesizer which can generate frequencies for a
wide variety of applications. The 843034 has a 4:1 input
Multiplexer from which the following inputs can be
selected: one differential input, one single-ended input, or
two crystal oscillators, thus making the device ideal for
frequency translation or frequency generation. Each
differential LVPECL output pair has an output divider
which can be independently set so that two different
frequencies can be generated. Additionally, each LVPECL
output pair has a dedicated power supply pin so the
outputs can run at 3.3V or 2.5V. The 843034 also supplies
a buffered copy of the test clock or crystal frequency on
the single-ended REF_OUT output pin which can be
enabled or disabled, (disabled by default). The output
frequency can be programmed using either a serial or
parallel programming interface.
The phase jitter of the 843034 is less than 1ps RMS, making it
suitable for use in Fiber Channel, SONET, and Ethernet applications.

Features
• Dual differential 3.3V LVPECL outputs which can be set
independently for either 3.3V or 2.5V
• 4:1 Input Mux:
One differential input
One single-ended input
Two crystal oscillator interfaces
• CLK, nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL
• TEST_CLK accepts LVCMOS or LVTTL input levels
• Output frequency range: 35MHz to 625MHz
• Crystal input frequency range: 12MHz to 40MHz
• VCO range: 560MHz to 750MHz
• Parallel or serial interface for programming feedback divider and
output dividers
• RMS phase jitter at 333.3MHz, using a 22.222MHz crystal (12kHz
to 20MHz): 0.91ps (typical)
• Supply voltage modes:
LVPECL outputs
Core/ Output
3.3V/ 3.3V
3.3V/ 2.5V
REF_OUT output
Core/ Output
3.3V/ 3.3V
• 0°C to 70°C ambient operating temperature
• Industrial temperature available upon request with ePad option
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS843034

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 25, 2005
ICS843034-01 ICST-ICS843034-01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
ICS843034A01 ICST-ICS843034A01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
ICS843034AY ICST-ICS843034AY Datasheet
250Kb / 23P
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 25, 2005
ICS843034AY-01 ICST-ICS843034AY-01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
More results


Similar Description - ICS843034

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 25, 2005
logo
Integrated Device Techn...
843034-06 IDT-843034-06 Datasheet
538Kb / 24P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034I-06 IDT-843034I-06 Datasheet
542Kb / 25P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004I RENESAS-843004I Datasheet
534Kb / 20P
FemtoClock® LVCMOS/Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
12/9/14
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
ICS843004I-156 RENESAS-ICS843004I-156 Datasheet
435Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
FEBRUARY 27, 2013
ICS843004I-09 RENESAS-ICS843004I-09 Datasheet
776Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
2019
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
843004I-01 RENESAS-843004I-01 Datasheet
598Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
January 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com