Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS843034 Datasheet HTML 1Page - Renesas Technology Corp ICS843034 Datasheet HTML 2Page - Renesas Technology Corp ICS843034 Datasheet HTML 3Page - Renesas Technology Corp ICS843034 Datasheet HTML 4Page - Renesas Technology Corp ICS843034 Datasheet HTML 5Page - Renesas Technology Corp ICS843034 Datasheet HTML 6Page - Renesas Technology Corp ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
32
TEST_CLK
Input
Pulldown
Single-ended test clock input. LVCMOS/LVTTL interface levels.
33,
34
XTAL_IN0
XTAL_OUT0
Input
Crystal oscillator interface. XTAL_IN0 is the input, XTAL_OUT0 is the
output.
35,
36
XTAL_IN1
XTAL_OUT1
Input
Crystal oscillator interface. XTAL_IN1 is the input, XTAL_OUT1 is the
output.
37
CLK
Input
Pulldown
Non-inverting differential clock input.
38
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
39
nP_LOAD
Input
Pulldown
Parallel load input. Determines when data present at M8:M0 is loaded into
M divider, and when data present at NA2:NA0 and NB2:NB0 is loaded into
the N output dividers. LVCMOS/LVTTL interface levels.
40
VCO_SEL
Input
Pullup
Determines whether the synthesizer is in PLL or Bypass mode.
LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input
Capacitance
Control
Input Pins
4pF
Clock
Input Pins
3pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
ROUT
Output
Impedance
REF_OUT
VCCO_REF = 3.3V
5
7
12
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com