Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 12Page - Renesas Technology Corp ICS843034 Datasheet HTML 13Page - Renesas Technology Corp ICS843034 Datasheet HTML 14Page - Renesas Technology Corp ICS843034 Datasheet HTML 15Page - Renesas Technology Corp ICS843034 Datasheet HTML 16Page - Renesas Technology Corp ICS843034 Datasheet HTML 17Page - Renesas Technology Corp ICS843034 Datasheet HTML 18Page - Renesas Technology Corp ICS843034 Datasheet HTML 19Page - Renesas Technology Corp ICS843034 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
Crystal Inputs
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
 resistor can be tied from
XTAL_IN to ground.
CLK/nCLK Inputs
For applications not requiring the use of the differential input, both
CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK to ground.
TEST_CLK Input
For applications not requiring the use of the test clock, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the TEST_CLK to ground.
LVCMOS Control Pins
All control pins have internal pullup or pulldown resistors; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
Outputs:
TEST Output
The unused TEST output can be left floating. There should be no
trace attached.
REF_OUT Output
The unused REF_OUT output can be left floating. There should be
no trace attached.
LVPECL Outputs
All unused LVPECL outputs can be left floating. We recommend that
there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com