Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 19Page - Renesas Technology Corp ICS843034 Datasheet HTML 20Page - Renesas Technology Corp ICS843034 Datasheet HTML 21Page - Renesas Technology Corp ICS843034 Datasheet HTML 22Page - Renesas Technology Corp ICS843034 Datasheet HTML 23Page - Renesas Technology Corp ICS843034 Datasheet HTML 24Page - Renesas Technology Corp ICS843034 Datasheet HTML 25Page - Renesas Technology Corp ICS843034 Datasheet HTML 26Page - Renesas Technology Corp ICS843034 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Figure 7. 843034 Application Schematic
U1
M8
1
NB 0
2
NB 1
3
NB 2
4
OE _ R EF
5
OE _ A
6
OE _ B
7
VC C
8
NA 0
9
NA 1
10
NA 2
11
VEE
12
XTAL _ O U T1
36
XTAL _ I N 1
35
XTAL _ O U T0
34
XTAL _ I N 0
33
TEST_C LK
32
SE L 1
31
SE L 0
30
VC C A
29
S_L O A D
28
S_ D ATA
27
S_ C L O C K
26
MR
25
3. 3V
Z o = 50 Ohm
R1 1
50
R1 2
50
RE F_ CL K
Zo = 50 O h m
Zo = 50 O h m
+
-
R1 0
50
OE_R E F
OE_A
OE_B
nF OU TA0
FO U TA0
XTA L_O U T1
VC C
VC C
C1 0
0.1u
Zo = 50 O h m
R2
133
R6
82.5
Zo = 50 O h m
R1
133
R5
82.5
LVP EC L
C9
0. 1u
3.3V
R9
10
R4
133
R8
82.5
+
-
RU 2
N o t In s t al l
Opt ional
Y-Term ina tion
RU1
1K
C2
22pF
R3
133
RD 2
1K
RD1
No t I ns ta ll
X1
25 MH z
Zo = 50 O h m
Zo = 50 O h m
C1
18pF
R7
82. 5
VC C
VC C
1 8 p F
Driv er _LVPECL
C4
10u
M8
VCCO
C6
0.1uF
C7
10uF
3. 3V
BL M18BB 221SN 1
Fe rri te Bead
1
2
C8
0.1uF
VC C
C1 2
10uF
C1 3
0.1uF
BL M18BB 221SN 1
Fe rri te Bead
1
2
3. 3V
C11
0.1uF
V CCO
VCCO
Logic Co ntrol Input Examples
Set Logic
Input to '1'
To Logic
Input
pins
To Logic
Input
pins
Set Logic
Input to '0'
VC C A
C5
0. 1u
FO U TB0
nF OU TB0
NB1
NB0
NB2
NA0
NA2
NA1
SEL 1
MR
SEL 0
C3
0.1 u
VC C
XTA L_I N 1
R1 3
33
LVCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com