Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 17Page - Renesas Technology Corp ICS843034 Datasheet HTML 18Page - Renesas Technology Corp ICS843034 Datasheet HTML 19Page - Renesas Technology Corp ICS843034 Datasheet HTML 20Page - Renesas Technology Corp ICS843034 Datasheet HTML 21Page - Renesas Technology Corp ICS843034 Datasheet HTML 22Page - Renesas Technology Corp ICS843034 Datasheet HTML 23Page - Renesas Technology Corp ICS843034 Datasheet HTML 24Page - Renesas Technology Corp ICS843034 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Termination for 2.5V LVPECL Outputs
Figure 6A and Figure 6B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCC O – 2V. For VCCO = 2.5V, the VCCO – 2V is very close to ground
level. The R3 in Figure 6B can be eliminated and the termination is
shown in Figure 6C.
Figure 6A. 2.5V LVPECL Driver Termination Example
Figure 6C. 2.5V LVPECL Driver Termination Example
Figure 6B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
2.5V
50
50
R1
250
R3
250
R2
62.5
R4
62.5
+
–
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50
50
R1
50
R2
50
+
–
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50
50
R1
50
R2
50
R3
18
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com