Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 2Page - Renesas Technology Corp ICS843034 Datasheet HTML 3Page - Renesas Technology Corp ICS843034 Datasheet HTML 4Page - Renesas Technology Corp ICS843034 Datasheet HTML 5Page - Renesas Technology Corp ICS843034 Datasheet HTML 6Page - Renesas Technology Corp ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp ICS843034 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Function Tables
Table 3A. Parallel and Serial Mode Function Table
NOTE:
L = LOW
H = HIGH
X = Don’t care
 = Rising edge transition
 = Falling edge transition
Table 3B. Programmable VCO Frequency Function Table
NOTE 1: These M divide values and the resulting frequencies correspond to a crystal or TEST_CLK frequency of 25MHz.
Table 3C. Programmable Output Divider Function Table (PLL Enabled)
*NOTE: X denotes Bank A or Bank B.
Inputs
Conditions
MR
nP_LOAD
M
N
S_LOAD
S_CLOCK
S_DATA
H
X
X
X
X
X
X
Reset. Forces outputs LOW.
L
L
Data
Data
X
X
X
Data on M and N inputs passed directly to the M divider
and N output divider. TEST output forced LOW.
L
Data
Data
L
X
X
Data is latched into input registers and remains loaded
until next LOW transition level or until a serial event
occurs.
LH
X
X
L
Data
Serial input mode. Shift register is loaded with data on
S_DATA on each rising edge of S_CLOCK.
LH
X
X
LData
Contents of the shift register are passed to the
M divider and N output divider.
LH
X
X
L
Data
M divider and N output divider values are latched.
L
H
X
X
L
X
X
Parallel or serial input do not affect shift registers.
LH
X
X
H
Data
S_DATA passed directly to M divider as it is clocked.
VCO Frequency
(MHz)
M Divide
256
128
64
32
16
8
4
2
1
M8
M7
M6
M5
M4
M3
M2
M1
M0
575
23
00001011
1
700
28
00001110
0
750
30
00001111
0
Inputs
N Divider Value
Output Frequency (MHz)
*NX2
*NX1
*NX0
Minimum
Maximum
0001
560
625
0012
280
375
0103
186.66
250
0
1
1
4 (default)
140
187.5
1005
112
150
1016
93.33
125
1108
70
93.75
1
1
1
16
35
46.875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com