Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 5Page - Renesas Technology Corp ICS843034 Datasheet HTML 6Page - Renesas Technology Corp ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp ICS843034 Datasheet HTML 10Page - Renesas Technology Corp ICS843034 Datasheet HTML 11Page - Renesas Technology Corp ICS843034 Datasheet HTML 12Page - Renesas Technology Corp ICS843034 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = VCCO_REF = 3.3V±5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
CCO_REF/2. See Parameter Measurement Information section. Load Test Circuit diagrams.
Table 4C. Differential DC Characteristics,
VCC = 3.3V±5%, VCCO_A = VCCO_B = 3.3V±5% or 2.5V±5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH
Table 4D. LVPECL DC Characteristics, VCC = VCCO_A = VCCO_B = 3.3V±5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
CCO_A, _B – 2V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.3V
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
TEST_CLK, MR,
M[1:4], M[6:8], Nx2,
SEL[1:0], OE_REF,
S_CLOCK, S_DATA,
S_LOAD, nP_LOAD
VCC = VIN = 3.465V
150
µA
OE_A, OE_B, M5,
Nx[0:1], VCO_SEL
VCC = VIN = 3.465V
5
µA
IIL
Input
Low Current
TEST_CLK, MR,
M[1:4], M[6:8], Nx2,
SEL[1:0], OE_REF,
S_CLOCK, S_DATA,
S_LOAD, nP_LOAD
VCC = 3.465V, VIN = 0V
-5
µA
OE_A, OE_B, M5,
Nx[0:1], VCO_SEL
VCC = 3.465V, VIN = 0V
-150
µA
VOH
Output
High Voltage
TEST; NOTE 1
VCCO_REF = 3.3±5%
2.6
V
REF_OUT; NOTE 1
VCCO_REF = 3.3±5%
2.5
V
VOL
Output
Low Voltage
TEST; NOTE 1
VCCO_REF = 3.3±5%
0.5
V
REF_OUT; NOTE 1
VCCO_REF = 3.3±5%
0.4
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK, nCLK
VCC = VIN = 3.465V
150
µA
IIL
Input Low Current
CLK
VCC = 3.465V, VIN = 0V
-5
µA
nCLK
VCC = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
VEE + 0.5
VCC - 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCCO – 1.4
VCCO – 0.9
V
VOL
Output Low Voltage NOTE 1
VCCO – 2.0
VCCO – 1.6
V
VSWING
Peak-to-Peak Output Voltage Swing
0.5
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com