Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS843034 Datasheet HTML 1Page - Renesas Technology Corp ICS843034 Datasheet HTML 2Page - Renesas Technology Corp ICS843034 Datasheet HTML 3Page - Renesas Technology Corp ICS843034 Datasheet HTML 4Page - Renesas Technology Corp ICS843034 Datasheet HTML 5Page - Renesas Technology Corp ICS843034 Datasheet HTML 6Page - Renesas Technology Corp ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
Number
Name
Type
Description
1, 41, 42,
43, 44,
45, 47, 48
M8, M0, M1,
M2,M3,
M4, M6, M7
Input
Pulldown
M divider input. Data latched on LOW-to-HIGH transition of nP_LOAD
input. LVCMOS/LVTTL interface levels.
46
M5
Input
Pullup
2, 3
NB0, NB1
Input
Pullup
Determines output divider value as defined in Table 3C, Function Table.
LVCMOS/LVTTL interface levels.
4NB2
Input
Pulldown
5
OE_REF
Input
Pulldown
Output enable. Controls enabling and disabling of REF_OUT output.
REF_OUT is enabled when OE_REF is HIGH. REF_OUT is in high
impedance when OE_REF is LOW. OE_REF defaults to LOW.
LVCMOS/LVTTL interface levels.
6
OE_A
Input
Pullup
Output enable. Controls enabling and disabling of FOUTA0, nFOUTA0
outputs. LVCMOS/LVTTL interface levels.
7
OE_B
Input
Pullup
Output enable. Controls enabling and disabling of FOUTB0, nFOUTB0
outputs. LVCMOS/LVTTL interface levels.
8, 14
VCC
Power
Core supply pins.
9, 10
NA0, NA1
Input
Pullup
Determines output divider value as defined in Table 3C, Function Table.
LVCMOS/LVTTL interface levels.
11
NA2
Input
Pulldown
12, 24
VEE
Power
Negative supply pins.
13
TEST
Output
Test output which is Active in the serial mode of operation. Output driven
LOW in the parallel mode. LVCMOS/LVTTL interface levels.
15,
16
FOUTA0,
nFOUTA0
Output
Differential output for the synthesizer. LVPECL interface levels.
17
VCCO_A
Power
Output supply pin for FOUTA0, nFOUTA0.
18,
19
FOUTB0,
nFOUTB0
Output
Differential output pair for the synthesizer. LVPECL interface levels.
20
VCCO_B
Power
Output supply pin for FOUTB0, nFOUTB0.
21
REF_OUT
Output
Single-ended reference clock output. LVCMOS/LVTTL interface levels.
22
VCCO_REF
Power
Output supply pin for REF_OUT.
23
nc
Unused
No connect.
25
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs FOUTx to go low and the inverted outputs nFOUTx
to go high. When Logic LOW, the internal dividers and the outputs are
enabled. Assertion of MR does not affect loaded M, N and T values.
LVCMOS/LVTTL interface levels.
26
S_CLOCK
Input
Pulldown
Clocks in serial data present at S_DATA input into the shift register on the
rising edge of S_CLOCK. LVCMOS/LVTTL interface levels.
27
S_DATA
Input
Pulldown
Shift register serial input. Data sampled on the rising edge of S_CLOCK.
LVCMOS/LVTTL interface levels.
28
S_LOAD
Input
Pulldown
Controls transition of data from shift register into the dividers.
LVCMOS/LVTTL interface levels.
29
VCCA
Power
Analog supply pin.
30, 31
SEL0, SEL1
Input
Pulldown
Clock select inputs. LVCMOS/LVTTL interface levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com